Part Number Hot Search : 
2SD2138 UFORCE 90816 B10BS 160808 M9307 FCT16 V585ME20
Product Description
Full Text Search
 

To Download LT261A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall IC
LT261A
2.90.2 1.9
2
0.4
3
0.4
0.95
X 4-R0.2 Hall device center line X : +0.050.23mm against package center Y : -0.050.1mm against package lead center between No.2 and No.3 terminals Z : 0.810.15mm from package surface Terminal connections 1.50.2 0.6 0.6 REG Hall + device H
0.3
1.1-0.1
0.16+0.10 -0.06
s Applications FDD HDD Water meter Car stereo Microswitch, etc.
0.8
+0.2
-
(0to0.15)
s Absolute Maximum Ratings
Parameter Supply voltage Output voltage Output current Power dissipation Operating temperature Storage temperature Soldering temperature*1
*1 Soldering time : within 10 seconds
*No.3 terminal and the section of leads (both sides of package in X direction) are connected with the terminal of internal IC. Be careful in connecting other circuits.
1 : VCC 2 : VOUT 3 : Don't use. 4 : GND
(Ta=25C) Unit V V mA mW C C C
Symbol Rating VCC 18 18 VOUT 5 IO 100 PD -20 to +125 Topr -55 to +150 Tstg 260 Tsol
As for dimensions of tape-packaged products, refer to page 44 .
s Operating Explanation
Output voltage

BRP 0 BOP
+B
Magnetic flux density
s Electrical Characteristics
Parameter Operating magnetic flux density Hysteresis breadth Operating voltage Supply current Low level output voltage High level output voltage Output short circuit current Operating point temperature drift Symbol BOP BRP BH VCC ICC VOL VOH IOS BOP Conditions VCC=16V VOO=16V VCC=16V, B=<-10mT VCC=16V, IO=4mA, B>=10mT VCC=16V, IO=-100A, B=<-10mT VCC=16V VCC=16V, Ta=-20C to +80C MIN. -10 4.5 13.9 -1.55 -6 TYP. MAX. 10 5 16 10.5 0.4 -0.80 6
(Ta=25C) Unit mT mT mT V mA V V mA mT
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device spcification sheets before using any SHARP device.
2.90.2
*Zero-cross is not warranted. s Features Operation by small magnet due to high sensitivity s Outline Demensions (Unit : Fmm) Operating point<10mT 2.70.3 Combining a GaAs Hall device and an IC in a compact Y package (2.9X1.5X1.1mm) 1 4 Wide operation temperature range obtained by GaAs Hall device (-20 to +125C) Long life time due to noncontact-type S Z
0.4 0.6
0.85
LT261A
GaAs Hall IC for Noncontact Switch (Alternating magnetic field-type*)
Hall IC
Fig. 1
Operating magnetic flux density B (mT)
LT261A
Operating Magnetic Flux Density vs. Supply Voltage
Ta=25C
Fig. 2
Operating magnetic flux density B (mT) 12 8 4 0 -4 -8 -12
Operating Magnetic Flux Density vs. Ambient Temperature
VCC=16V
12 8 4 0 -4 -8 -12 0
BOP BRP
BOP BRP
4 8 12 16 Supply voltage VCC (V)
20
-40 0 40 80 120 Ambient temperature Ta (C)
Fig. 3
10 8 6 4 2
Supply Current vs. Supply Voltage
B=<-10mT Ta=25C
Fig. 4
10 8 6 4 2
Supply Current vs. Ambient Temperature
VCC=16V B=<-10mT
Supply current ICC (mA)
Supply current ICC (mA)
0
0
4 8 12 16 Supply voltage VCC (V)
20
0
-40 0 40 80 120 Ambient temperature Ta (C)
Fig. 5
1.0
Low level output voltage VOL (V)
Low Level Output Voltage vs. Output Current
VCC=16V B>=10mT Ta=25C
Fig. 6
1.0
Low Level Output Voltage vs. Ambient Temperature
VCC=16V IO=4mA B>=10mT
Low level output voltage VOL (V)
0.8 0.6 0.4 0.2
0.8 0.6 0.4 0.2
0
0
1 2 3 4 Output current IO (mA)
5
0
-40 0 40 80 120 Ambient temperature Ta (C)


▲Up To Search▲   

 
Price & Availability of LT261A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X